|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
101.6mm (4.0 INCH) 5x7 DOT MATRIX DISPLAY Part Number: TA40-11GWA Green Features 4.0 INCH MATRIX HEIGHT. DOT SIZE 10mm. LOW CURRENT OPERATION. HIGH CONTRAST AND LIGHT OUTPUT. COMPATIBLE WITH ASCII AND EBCDIC CODES. STACKABLE HORIZONTALLY. COLUMN ANODE AVAILABLE. EASY MOUNTING ON P.C. BOARDS OR SOCKETS. MULTICOLOR AVAILABLE. MECHANICALLY RUGGED. STANDARD : GRAY FACE, WHITE DOT. RoHS COMPLIANT. Description The Green source color devices are made with Gallium Phosphide Green Light Emitting Diode. Package Dimensions& Internal Circuit Diagram Notes: 1. All dimensions are in millimeters (inches), Tolerance is 0.25(0.01")unless otherwise noted. 2. Specifications are subject to change without notice. SPEC NO: DSAD2483 APPROVED: WYNEC REV NO: V.8 CHECKED: Joe Lee DATE: MAY/24/2007 DRAWN: Y.L.LI PAGE: 1 OF 4 ERP: 1332000227 Selection Guide Part No. Dice Lens Type Iv (ucd) [1] @ 10mA Min. TA40-11GWA Green (GaP) WHITE DIFFUSED 12000 Typ. 42000 Column Anode Description Note: 1. Luminous intensity/ luminous Flux: +/-15%. Electrical / Optical Characteristics at TA=25C Symbol peak D [1] 1/2 C VF [2] IR Parameter Peak Wavelength Dominant Wavelength Spectral Line Half-width Capacitance (Per Chip) Forward Voltage (Per Dot) Reverse Current (Per Dot) Device Green Green Green Green Green Green Typ. 565 568 30 15 4.4 5.0 10 Max. Units nm nm nm pF V uA Test Conditions IF=20mA IF=20mA IF=20mA VF=0V;f=1MHz IF=20mA VR=10V Notes: 1.Wavelength: +/-1nm. 2. Forward Voltage: +/-0.1V. Absolute Maximum Ratings at TA=25C Parameter Power dissipation (Per Dot) DC Forward Current (Per Dot) Peak Forward Current [1] (Per Dot) Reverse Voltage (Per Dot) Operating / Storage Temperature Lead Solder Temperature[2] Notes: 1. 1/10 Duty Cycle, 0.1ms Pulse Width. 2. 2mm below package base. Green 125 25 140 10 -40C To +85C 260C For 3-5 Seconds Units mW mA mA V SPEC NO: DSAD2483 APPROVED: WYNEC REV NO: V.8 CHECKED: Joe Lee DATE: MAY/24/2007 DRAWN: Y.L.LI PAGE: 2 OF 4 ERP: 1332000227 Green TA40-11GWA SPEC NO: DSAD2483 APPROVED: WYNEC REV NO: V.8 CHECKED: Joe Lee DATE: MAY/24/2007 DRAWN: Y.L.LI PAGE: 3 OF 4 ERP: 1332000227 PACKING & LABEL SPECIFICATIONS TA40-11GWA SPEC NO: DSAD2483 APPROVED: WYNEC REV NO: V.8 CHECKED: Joe Lee DATE: MAY/24/2007 DRAWN: Y.L.LI PAGE: 4 OF 4 ERP: 1332000227 |
Price & Availability of TA40-11GWA |